PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
PIC18F1330 |
High-Performance Microcontrollers with 10-bit A/D and nanoWatt Technology 8-bit PIC庐 Microcontrollers
|
Microchip Technology Microchip Technology, Inc.
|
SAF-XC164CS-16F20FAD SAF-XC164CS-16F40FAD SAF-XC16 |
16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..85C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..85C, 40MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 128 K Flash, 6 K RAM, -40..125C, 40MHz 16-Bit Microcontrollers - 128 K ROM, 6 K RAM, -40..125C 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 20MHz 16-Bit Microcontrollers - 64 K Flash, 6 K RAM, -40..125C, 40MHz New enhanced 16 Bit C166S V2 Architecture
|
Infineon
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
PIC16C771-04I/P PIC16C771-04I/JW PIC16C771-20I/P P |
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器10/12-Bit的A / D 18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器0/12-Bit的A / D IC-SM-8-BIT MCU
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
PIC16F630 PIC16F676 PIC12F630 PIC16F676PIC16F630 1 |
14-Pin FLASH-Based 8-Bit CMOS Microcontrollers (PIC12F676 / PIC12F630) 14-Pin Flash Based 8-Bit CMOS Microcontrollers IC,MICROCONTROLLER,8-BIT,PIC CPU,CMOS,DIP,14PIN,PLASTIC
|
MICROCHIP[Microchip Technology]
|
AM188ER-33KCW AM188ER-50VIW AM188ER-25VIW AM188ER- |
CA-BAYONET 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 33 MHz, MICROCONTROLLER, PQFP100 CAB 54C 54#16 SKT RECP 16-BIT, 50 MHz, MICROCONTROLLER, PQFP100 High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 CA-BAYONET 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100 12258941 ARMY TANK COMMAND 16-BIT, 40 MHz, MICROCONTROLLER, PQFP100
|
Advanced Micro Devices, Inc.
|
PD78F4225GC PD78F4225GK PD78215GF PD78215GC |
16 Bit General-Purpose Microcontrollers(16通用微控制器) 16 Bit General-Purpose Microcontrollers(16位通用微控制器) 16位通用微控制器16位通用微控制器
|
NEC Corp. NEC, Corp.
|
MC9S08AW60CFUE S9S08AW16 S9S08AW60 MC9S08AW60CPUE |
8-Bit HCS08 Central Processor Unit (CPU) Microcontrollers MC9S08AW60 Features Microcontrollers
|
Freescale Semiconductor, In... Freescale Semiconductor, Inc Freescale Semiconductor...
|
LPC2387FBD100 LPC2387 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
|